PART |
Description |
Maker |
S29GL01GP12TFI023 S29GL128P13FAI023 S29GL01GP12FAI |
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 128M X 1 FLASH 3V PROM, 110 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 3.0伏只页面模式闪存具有90纳米MirrorBit工艺技 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 1G X 1 FLASH 3V PROM, 130 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 8M X 16 FLASH 3V PROM, 110 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 1G X 1 FLASH 3V PROM, 130 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 1G X 1 FLASH 3V PROM, 120 ns, PBGA64
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
S29GL064N11BAIV10 S29GL064N11FAIV12 S29GL064N11BFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 64兆,32兆位3.0伏只页面模式闪存具有110纳米MirrorBit工艺技 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Spansion Inc. PROM Spansion, Inc. SPANSION LLC
|
W29GL256SH9C W29GL256SL9B W29GL256SL9C W29GL256SH9 |
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
|
Winbond
|
W29GL256PL9B W29GL256PL9T-TR W29GL256PH9T W29GL256 |
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
|
Winbond
|
AM70PDL129BDH |
(AM70PDL127BDH / AM70PDL129BDH) 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory
|
AMD
|
S70GL01GN00 S70GL01GN00FFI120 S70GL01GN00FFI122 S7 |
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit Process Technology 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit?/a> Process Technology
|
SPANSION
|
S70GL02GP12FAI010 S70GL02GP12FAI012 S70GL02GP12FAI |
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
|
SPANSION LLC
|
AM29PDL127H53VKI AM29PDL127H53VKIN AM29PDL127H88VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
EN29GL256H EN29GL256H-90ZIP EN29GL256L-90BAIP EN29 |
256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
EN29GL128HL |
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution In...
|